PART |
Description |
Maker |
ABF.00.250.CTA ABA.00.250.NTL |
ADAPT BNC SCKT LEMO PLUG 50 OHM 适应插头SCKT勒莫插头50欧姆 ADAPT BNC PLUG LEMO SOCKET 50 OHM 适应BNC插头插座50欧姆勒莫
|
Cinch Connectors
|
19041-0012 19043-0010 |
CLOSED FLAG KRIMPTITE (B-143-10) 2 mm2, COPPER ALLOY, RING TERMINAL ETC TAB ADAPT (2M/1F) (VWA-0) RoHS Compliant: Yes VWA-0-C BRASS, PUSH-ON TERMINAL
|
Molex, Inc.
|
E05-XXX E05-10M E05-10M1 E05-10P3 E05-10T E05-11M |
5 Watt Wide Input DC to DC Converters 5瓦特宽输入直流直流转换器 5 WATT WIDE INPUT DC TO DC CONVERTERS 5瓦宽输入直流直流变换 120VAC ADAPT-LGT BASE
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Unknow
|
SH3301FB SH3301 |
USB-Adapt SH3301 IC Converts PS/2 Data to USB USB-AdaptSH3301 IC Converts PS/2 Data to USB USB-Adapt⑩ SH3301 IC Converts PS/2 Data to USB
|
SEMTECH[Semtech Corporation]
|
DSPIC30F6013CT-30E_W DSPIC30F6011BT-20E/PF DSPIC30 |
CAP 100UF 4V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 高性能数字信号控制 DIO ZMM5230B LITEON T/R 1 高性能数字信号控制 High Voltage Chip Divider 高电压芯片分压器 CAP 10UF 10V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 100UF 6V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-300 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-200 CAP 10UF 35V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-1200 CAP 100UF 10V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 CAP 10UF 25V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-200 CAP 10UF 25V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 10UF 20V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-500 6.0V, 5% AT 20MA, 500MW, ZENER LL5233B, LL-34 DIODE, ZNR DIODE VZ=5.6V DIODE ZENER 6.2V 0.5W 5% IZT=20MA DO-2 CAP 10UF 16V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 SWITCH,20A,3P,HAND-AUTO,FLUSH MTGSWITCH,20A,3P,HAND-AUTO,FLUSH MTG; Poles, No. of:3; Current rating:20A GT 10C 10#16 SKT RECP BOX RM CAP 10UF 20V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-500 CAP 100UF 6V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-300 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 CAP 100UF 6V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-300 DUMB TERM ADAPT DB25M DTEFOR ADV CONSOLE SERVERS High Performance Digital Signal Controllers
|
Microchip Technology, Inc. Microchip Technology Inc.
|
Z115 Z150 Z180 Z160 Z200A Z200 Z100 Z220 Z330 Z90 |
Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6"; For Use With: RoHS Compliant: NA From old datasheet system ZENER DIODE,SINGLE, TWO TERMINAL,200V V(Z),20%,DO-41 BK Precision Counters, Gate Time: .1-1 sec, Display: 7 Digit LED, Features: Suitable for VHF communications up to 200 MHz, high accurate time base Code:9V; Capacitance Measuring Range:4 nF - 40 mF; Current Measuring Range:20A; RoHS Compliant: NA , thermal & short-circuit protection, current limiting RoHS Compliant: NA Computers, Data logging Peripherals; Linear Power Supply; Output Voltage:64V; Output Current:15A; Number of Outputs:1; Output Current Max:15A; Output Current Min:0A; Supply Voltage Min 240 x 128 pixel format, CFL Backlight with power harness of transistors in Lo drive; base lead in Hi drive, all leads of SCR 128 x 64 pixel format, LED Backlight available 240 x 128 pixel format, LED or EL Backlight ADAPT FOR 844TSSOP TO 844 DIP TEST LEAD TIPS FOR TL-2 TEST LEADS DELUXE 150 x 32 pixel format, LED Backlight available Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6 Oscilloscope; Scope Type:Analog; Scope Bandwidth:60 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:5.8ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 170 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Oscilloscope; Scope Type:Analog; Scope Bandwidth:100 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:3.5ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 160 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 330 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 ZENER SILICON RETIFIER
|
RECTRON[Rectron Semiconductor] Rectron Electronic Enterprise Inc RECTRON LTD
|
MV37509-MP5 MV37509-MP6 MV37509-MP7 MR5310.MP1 MR5 |
T-3/4 SINGLE COLOR LED, YELLOW, 2.03 mm T-1 SINGLE COLOR LED, RED, 3 mm CONNECTOR ACCESSORY T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS SINGLE COLOR LED, GREEN, 2.03 mm AB 48C 48#16 PIN PLUG SINGLE COLOR LED, RED, 2.03 mm RECTIFIER SCHOTTKY DUAL 15A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED ARRAY, BRIGHT RED, 3 mm PCB MOUNT LED INDICATORS T-1 DUAL COLOR LED ARRAY, BRIGHT RED/GREEN, 3 mm Soldering and Rework System; Approval Categories:IEC 61000-6-1,EC 61000-6-3 and UL499, FCC CFR Part 15; Depth:8" PCB安装LED指示 PCB MOUNT LED INDICATORS T-3/4 SINGLE COLOR LED, RED, 2 mm TV 55C 55#22D PIN PLUG T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, RED, 5 mm PORT PROTECTOR DB15HD T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, ULTRA BRIGHT HIGH EFFICIENCY RED, 5 mm RECTIFIER SCHOTTKY DUAL 15A 60V 150A-ifsm 0.9V-vf 1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm PCB MOUNT LED INDICATORS SINGLE COLOR LED, RED, 2.03 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm PCB MOUNT LED INDICATORS T-3/4 SINGLE COLOR LED, RED, 2.03 mm PCB MOUNT LED INDICATORS T-3/4 SINGLE COLOR LED, GREEN, 2.03 mm PCB MOUNT LED INDICATORS SINGLE COLOR LED, YELLOW, 2.03 mm PCB MOUNT LED INDICATORS PCB安装LED指示 TV 6C 6#12 SKT PLUG Circular Connector; No. of Contacts:6; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-6 Circular Connector; No. of Contacts:6; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:17-6 Circular Connector; No. of Contacts:12; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-97 TV 5C 5#16 SKT WALL RECP TV 55C 55#22D SKT WALL RECP PC PARALLEL ADAPTER, DB25M AT ADAPT .9F-25F CBL 10CM TV 4C 4#12 SKT PLUG Circular Connector; MIL SPEC:MIL-DTL-5015; Body Material:Metal; Series:AIB; No. of Contacts:7; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight RoHS Compliant: No Fully Differential Input/Output High Slew Rate Amplifier 8-SOIC -40 to 85 PC PARALLEL ADAPTER DB25 MALE TO CENTRONICS 36 FEM AB 2C 2#16S SKT PLUG TRANS PREBIASED PNP 150MW SOT523 Circular Connector; No. of Contacts:12; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-97 SLIMLINE DB9M/DB25F SLIMLINE DB9F/DB25M PORT PROTECTOR DB15HD CTV 2C 2#16 PIN PLUG Solder Rework Auto sleep cradle - green CTV 8C 8#16 SKT PLUG Solder Auto, Sleep Workstand, Green RECTIFIER SCHOTTKY DUAL 10A 60V 125A-ifsm 0.8V-vf 0.1mA-ir TO-220AB 50/TUBE Tools; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-10; No. Strands x Strand Size:26 x 30, 105 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PT 19C 19#20 SKT PLUG TRANS PREBIASED PNP 200MW SOT323 RECTIFIER SCHOTTKY DUAL 10A 50V 125A-ifsm 0.8V-vf 0.1mA-ir TO-220AB 50/TUBE Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Composite; Series:CTV06; No. of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight PCB MOUNT LED INDICATORS
|
QUALITY TECHNOLOGIES CORP QT[QT Optoelectronics] http://
|
DF13C-11S-1.25V DF13C-11S-1.25H DF13C-11S-1.25C DF |
RS-449 CABLE, DTE DB37 MALE TO SMARTSERIAL 10FT Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes KVM EXTENDER OVER UTP CABLE DUAL DVI AND PS KVM EXTENDER OVER UTP CABLE DUAL DVI AND PS 1.25mm间距压接连接器微 VIDEO SPLIT CBL PVC MM2 1.25mm间距压接连接器微 SMT LN X SOIC-16 1.25mm间距压接连接器微 CISCO V.35 CROSSOVER CBL DB60M TO DB60M 10FT 1.25mm间距压接连接器微 Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:25m; Color:Black; Features:IP67 Rated RoHS Compliant: Yes 1.25mm间距压接连接器微 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 1.25mm间距压接连接器微 Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 1.25mm间距压接连接器微 VP Fixed Series, 200 Ohms, 50.0 W, Fixed, Wirewound Resistor 1.25mm间距压接连接器微 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% 1.25mm间距压接连接器微 Mica Film Capacitor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 1.25mm间距压接连接器微 1.25mm Pitch Miniature Crimping Connector 1.25mm间距压接连接器微 KVM EXTENDER OVER MM FO CABLE DVI AND PS2 SERVSWITCH WIZARD IP PLUS KVM EXTENDER OVER SM FO CABLE DUAL DVI AND DVI VGA USB SM FIBER OPTIC EXTENDER Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes CISCO IMPEDANCE ADAPT CBL75 OHM - 120 OHM X.21 CABLE, DTE DB15 MALETO SMART SERIAL, 10FT CAT5 KVM EXTENDER FOR SUN DUAL ACCESS VERSION KVM EXTENDER OVER UTP CABLE DUAL DVI AND US Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes WIRE, HOOK-UP, UL1007, RED, 304.8M; Area, conductor CSA:0.081mm2; Conductor make-up:7/36; Voltage rating, AC:300V; Colour, primary insulation:Red; Material, primary insulation:PVC; Diameter, External:1.19mm; Length, Reel RoHS Compliant: Yes Multiconductor Paired Instrumentation Control Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Color:Purple; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Dark Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes CISCO E1 CABLE Hook-Up Wire; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Purple; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes Multiconductor Cable; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Features:Industrial automotive and process control cable; Jacket Color:Chrome RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:3m; Color:Black; Features:IP20 Rated RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Orange; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Orange; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Multiconductor Paired Instrumentation Control Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes 2 #18 PVC/NYL SHLD PVC RoHS Compliant: Yes Multiple Conductor Wire; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Approval Categories:UL NEC/CUL,CEC; Leaded Process Compatible:Yes RoHS Compliant: Yes Connector assemblies, Ribbon (Flat); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes COMPUTERS,SERVSWITCH SERIES CAT5 KVM EXTENDERS,COMPUTERS,DROP SHIP:YES,NETWORK PRODUCTS,SERVSWITCH SERIES CAT5 KVM EXTENDERS ,BLACK BOX FIBER OPTIC KVM WITH SERIAL AND AUDIO EXTENDER DVI VGA PS/2 MM FIBER EXR KVM EXTENDER OVER SM FO CABLE DVI AND PS2 Computers, Network Switches Connectivity; Approval Bodies:CE; For Use With:PS/2 to USB Flash Cable (EHN428),CAT5 Unshielded, Solid, 100-MHz Bulk Cables (EYN840A) 32-Bit Microcontroller IC; Controller Family/Series:ColdFire/68K; Clock Speed:733MHz; Package/Case:360-FCCBGA; Leaded Process Compatible:No; Memory Organization - EEPROM:256k; Memory Organization - RAM :32k RoHS Compliant: No Hook-Up Wire; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1007; JQA-F-; Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Color:Dark Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:1m; Color:Black; Features:IP20 Rated RoHS Compliant: Yes RG8/U TYPE COAX W/CONN RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:5m; Color:Black; Features:IP67 Rated RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes CISCO STACKWISE CABLE STACKING CABLE CISCO INTERCONNECT CABLE CISCO INFINIBAND CABLE Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:1m; Color:Black; Features:IP67 Rated RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:3m; Color:Black; Features:IP67 Rated RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:2m; Color:Black; Features:IP20 Rated RoHS Compliant: Yes Category 5e Cable Assembly; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Cable Length:2m; Color:Black; Features:IP67 Rated RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:150pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No FINGER/FILTR ASM 80MM PLAS 30PPI Silver Mica Capacitor; Capacitance:18pF; Capacitance Tolerance: /- 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:39pF; Capacitance Tolerance: /- 2%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No From old datasheet system
|
Optrex America, Inc. HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric] http://
|
|